PART |
Description |
Maker |
ATF1508Z ATF1508ASZ-25QC100 ATF1508ASZ-25QC160 ATF |
High Performance E2 PLD High Performance E2 PLD EE PLD, 25 ns, PQCC84 High Performance E2 PLD EE PLD, 20 ns, PQCC84 High Performance E2 PLD EE PLD, 15 ns, PQFP160 High Performance E2 PLD EE PLD, 15 ns, PQFP100 CAC 7C 7#16S PIN RECP BOX ER 2C 2#8 PIN RECP BOX CAC 6C 6#16S PIN RECP BOX CAC 14C 14#16 PIN RECP BOX AB 14C 14#20 SKT RECP High Performance E2PLD
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
MAAM71200 |
GT 14C 12#8 2#16 SKT RECP Low Noise GaAs MMIC Amplifier 7.5-12GHz
|
MACOM[Tyco Electronics]
|
AT-108TR AT-108RTR |
Voltage Variable Absorptive Attenuator 40 dB/ 0.5-3.0 GHz ER 3C 3#8 SKT RECP BOX ER 5C 2#16 3#12 PIN RECP
|
Tyco Electronics
|
MA40S4 MA40S4R MA40S4S MA407S-1 MA40S5 MA40B7 MA40 |
ER 5C 5#8 SKT RECP BOX ULTRASONIC SENSORS MA40 SERIES
|
Panasonic Semiconductor MURATA[Murata Manufacturing Co., Ltd.]
|
APM2300AAC APM2300AAC-TR APM2300A |
N-Channel Enhancement Mode MOSFET GT 3C 3#8 SKT RECP BOX RM
|
ANPEC[Anpec Electronics Coropration] ETC[ETC] Anpec Electronics Corporation
|
IDT7207L20J IDT7207L20JB IDT7207L15J IDT7207L15JB |
CMOS ASYNCHRONOUS FIFO 32,768 x 9 CMOS ASYNCHRONOUS FIFO 32768 x 9 ER 3C 3#16 PIN RECP BOX ER 12C 12#12 SKT RECP ER 3C 3#16S PIN RECP BOX 32K X 9 OTHER FIFO, 15 ns, CQCC32 ER 4C 4#16S PIN RECP LINE ER 4C 46S 线性插 ER 2C 2#16S PIN RECP BOX 的CMOS异步FIFO 32768 × 9 LVDS 21-Bit Serializers/De-Serializers 32K X 9 OTHER FIFO, 20 ns, QCC32 CMOS ASYNCHRONOUS FIFO 32/768 x 9 LVDS 21-Bit Serializers/De-Serializers; ; No of Pins: 48; Container: Rail
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
PMM8713PT |
GT 17C 17#16 SKT RECP BOX RM Universal Controller IC for the 2-Phase Stepping Motor Drive
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
EVM118AHF EDGE118 E118AHF |
CAC 3C 3#16S SKT RECP BOX 低偏差时钟吊 Low Skew Clock Spreader
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
ISL6207 ISL6207CB ISL6207CB-T ISL6207CBZ ISL6207CB |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 4 A HALF BRDG BASED MOSFET DRIVER, PQCC8 PT 14C 14#20 PIN/SKT RECP 4 A HALF BRDG BASED MOSFET DRIVER, PDSO8 PT 10C 10#20 PIN/SKT RECP 4 A HALF BRDG BASED MOSFET DRIVER, PDSO8 High Voltage Synchronous Rectified Buck MOSFET Driver 4 A HALF BRDG BASED MOSFET DRIVER, PQCC8
|
Intersil, Corp. Intersil Corporation
|
BTA204W-500B BTA204W-500C BTA204W-600B BTA204W-600 |
PTSE 16C 16#16 SKT RECP 500 V, 1 A, SNUBBERLESS TRIAC Transient Voltage Suppressor Diodes PTSE 41C 41#20 SKT RECP Three quadrant triacs high commutation
|
NXP Semiconductors N.V. Philips Semiconductors
|
CTA11ACP241.2 CTA11ASP61.2 CTA11ACP48R CTA11ACP6 C |
CIT SWITCH CONNECTOR ACCESSORY AB 7C 7#16S SKT RECP DISPLAY 7-SEG 8MM 1DIGIT YLW CA DISPLAY 7SEG 10.16MM 1DGT RED CC DISPLAY 7SEG 10.16MM 1DGT ORN CC AB 7C 7#16S PIN RECP ER 3C 1#8 2#16 PIN RECP BOX Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:7; Connector Shell Size:16S; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No P-Channel MOSFETs; Package: PG-TO263-3; Package: D2PAK (TO-263); VDS (max): -60.0 V; RDS (on) (max) (@10V): 23.0 mOhm; RDS (on) (max) (@4.5V): -; RDS (on) (max) (@2.5V): -; MS/STANDARD CYLINDRICAL MIL-C-5015 SERIES 3102A SOLID SHELL BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 16 SHELL SIZE, 16-9 INSERT ARRANGEMENT, RECEPTACLE GENDER, 4 CONTACTS Switch Ccapacity up to 25A, Small size and light weight, PCB pin qiock connect mounting available 切换Ccapacity高达25A,体积小,重量轻,PCB引脚qiock可连接安 AB 3C 1#8 2#16 SKT RECP 切换Ccapacity高达25A,体积小,重量轻,PCB引脚qiock可连接安
|
List of Unclassifed Man... N.A. ETC[ETC] CIT[CIT Relay & Switch] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|